Part Number Hot Search : 
T5551 RFL1N12 MC908 ICX098AL STM8L051 MBR340 LPHV001 RT8105
Product Description
Full Text Search
 

To Download CS1005X7R104B100NBA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Multi Layer Ceramic Capacitors
Multi Layer Ceramic Capacitors
Introduction
SAMWHA's series of multilayer ceramic(MLC) chip capacitors is designed to meet a wide variety of need. Multilayer ceramic chip capacitors are available in both class I and class II formulations. Temperature compensation formulations are class I and temperature stable and general application formulations are classified at class II. The class I multilayer ceramic capacitors are COG with negligible dependence of electrical properties on temperature, voltage, frequency. The most of commonly used class II dielectric are X7R, X5R and Y5V. The X7R provides intermediate capacitance values which vary temperature range of -55 over the temperature range of -55 15% over the 15%
SMD Type
Shape & Dimensions
(Unit : mm)
Dimensions Code(inch) L
0603(0201) 1005(0402) 1608(0603) 2012(0805) 3216(1206) 3225(1210) 4520(1808) 4532(1812) 5750(2300) 0.60 1.00 1.60 2.00 3.20 3.20 4.50 4.50 5.70 W : 0.8 0.15, T : 0.8 0.15
Length Tol( )
0.03 0.05 0.15 0.20 0.30 0.40 0.40 0.40 0.50
Width W
0.30 0.50 0.80 1.25 1.60 2.50 2.00 3.20 5.00
T1(min) Tol( )
0.03 0.05 0.10 0.15 0.20 0.25 0.25 0.30 0.40 0.05 0.05 0.10 0.10 0.15 0.15 0.20 0.20 0.30
to 125 . The X5R provides intermediate capacitance values which vary
to 85 . The Y5V provides the highest capacitance value which vary to 85 . All class II capacitors vary in capacitance
from 22% to -82% over the temperature range of -30 products for both class I and II .
value under the influence of temperature, operating voltage and frequency. We offer a complete line of
Features
Samwha's high density ceramic bodies offer superior performance and reliability Samwha offer various temperature characteristics, rated voltage and packing method Material with high dielectric constant and superior manufacturing technology allows very high values in a small size Solder coated terminals offer superior solderability
*1608 Size
10
How to Order(Product Identification)
CS 1608 X7R 104 K 160 N R B
Applications
Wide applications throughout commercial and industrial market. Communication products like Cellular Phone, Pager, Codeless phone Multimedia products like DVD, CD-ROM, FDD, HDD, Game machine, Computer, Note book, Digital camera, LCD Audio visual products like TV, Camcorder, Minidisk, MP3 Player Communication products like Electronic tuner, Duplexer, VCXO, TCXO, Modem OA equipment products like Printer, Copy Machine, Fax Machine
CS : SMD SA : ARRAY
This is expressed in tens of a millimeter. The first two digits are the length, the last two digits are width. Size(mm) 0603 1005 1608 2012 3216 3225 4520 4532 5750
Temperature Characteristice C0G X7R X5R Y5V
Temperature Range 55 to 125 55 to 125 55 to 85 30 to 85
Capacitance Change or Temperature Coefficient 0 30ppm/ 15% 15% 22, 82%
Operating Temperature Range 55 to 125 55 to 125 55 to 85 30 to 85
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
SMD Type
Multi Layer Ceramic Capacitors
Typical Performance Characteristics
The nominal capacitance value in pF is expressed by three digit numbers. The first two digits represents significant figures and the last digit denotes the number of zero Ex.) 104 = 100000pF R denotes decimal 8R2 = 8.2pF Suited for precision circuits, requiring stable dielectric characteristics, negligible dependence of capacitance and dissipation factor on time, voltage and frequency. Code
B C D F G J K
COG
Tolerance
0.1pF 0.25pF 0.5pF 1.0% 2.0% 5% 10%
Code
M P Z H I U V
Tolerance
20% 100, 0% 80, 20% 0.25/ 0pF 0/ 0.25pF 5/ 0% 0/ 5%
Temperature Characteristic Operating Temperature Capacitance Tolerance Dissipation Factor & Q Insulation Resistance Dielectric Strength Test Voltage Test Frequency
0 30ppm/ 55~125 10pF : 10pF : 5%, 10%, ( 1%, 2%, 0.1pF, 0.25pF, 0.5pF 20%)
30pF : DF 0.1%, Q 1000 30pF : Q 400+20 C More than 10,000 or 500 (Whichever is smaller) 3 RVDC 0.5 to 5Vrms( 1000pF), 1 0.2Vrms(>1000pF) 1 0.1 ( 1000pF), 1 0.1 (>1000pF)
Code
Vol.
6R3
DC 6.3V
100
DC 10V
160
DC 16V
250
DC 25V
500
DC 50V
101
DC 100V
201
DC 200V
251
DC 250V
631
DC 630V
302
DC 3000V
Ex.) N : Ni-Sn (Nickel-Tin Plate)
X7R
Stable class dielectric properties, suited for by-pass and coupling purposes, filtering, frequency discrimination, DC
Ex.) R : Reel Type
B : Bulk Type
(Unit : mm)
blockage, and as voltage transient suppression elements.
Code
Blank Blank A B B E E E E
Thickness(mm) L
0.30 0.50 0.60 0.80 0.85 1.00 1.10 1.15 1.25
Dimensions Tol( )
0.03 0.05 0.10 0.10 0.15 0.15 0.15 0.15 0.15
Code
E H I J K L M N O
Thickness(mm) W
1.30 1.35 1.60 1.80 2.00 2.50 2.80 3.20 5.00
Dimensions Tol( )
0.20 0.20 0.20 0.20 0.25 0.25 0.30 0.30 0.40
Temperature Characteristic Operating Temperature Capacitance Tolerance Dissipation Factor & Q
15% 55~125 10%, 20%, ( 5%, 80~ 20%)
50V Min. : 2.5% Max. 25V Min. : 3.0% Max. 16V Min. : 3.5% Max. 10V Min. : 5.0% Max. 6.3V Min. : 5.0% Max.( 3.3 ), 10% Max.( 3.3 ) Thin layer lange capacitors type 10% Max. More than 10,000 or 500 (Whichever is smaller) Thin layer lange capacitors type 50 Min. >2.5 RVDC 1 0.2Vrms( 10 , 10V Min.) 0.5 0.1Vrms( 10 , 6.3V Max.) 0.5 0.1Vrms(>10 ) 1 0.1 ( 10 , 10V Min.) 1 0.1 ( 10 , 6.3V Max.) 120 24 (>10 )
Insulation Resistance Dielectric Strength Test Voltage
Test Frequency
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
SMD Type
Multi Layer Ceramic Capacitors
X5R
Stable class dielectric properties, suited for by-pass and coupling purposes, filtering, frequency discrimination, DC
Appendix
Type Size(inch)
Volt(V)
blockage, and as voltage transient suppression elements.
0603(0201) 25
1005(0402) 25 50
C0G 1608(0603) 25 50
2012(0805) 25 50
3216(1206) 25 50
Cap.
Temperature Characteristic Operating Temperature Capacitance Tolerance Dissipation Factor & Q
15% 55~85 10%, 20%, ( 5%, 80~ 20%)
50V Min. : 2.5% Max. 25V Min. : 3.0% Max. 16V Min. : 3.5% Max. 10V Min. : 5.0% Max. 6.3V Min. : 5.0% Max.( 3.3 ), 10% Max.( 3.3 ) Thin layer lange capacitors type 10% Max. More than 10,000 or 500 (Whichever is smaller) Thin layer lange capacitors type 50 Min. >2.5 RVDC 1 0.2Vrms( 10 , 10V Min.) 0.5 0.1Vrms( 10 , 6.3V Max.) 0.5 0.1Vrms(>10 ) 1 0.1 1 0.1 ( 10 , 10V Min.) ( 10 , 6.3V Max.), 120 24 (>10 )
Insulation Resistance Dielectric Strength Test Voltage
Test Frequency
Y5V
The Hi-K(Y5V) dielectrics deliver high capacitance density and are ideally suited for applications where space is at a premium, or as replacement for tantalum capacitors. Typically applications include use as by-pass or decoupling elements. Best performance is obtained at or near room temperature, with low DC bias.
Temperature Characteristic Operating Temperature Capacitance Tolerance Dissipation Factor & Q
22%~ 82% 30~85 20 80 ( 20%)
50V Min. : 5% Max. 25V Min. : 7% Max. 16V Min. : 9% Max. 10V Min. : 12.5% Max. 6.3V Min. : 15% Max. Thin layer lange capacitors type 20% Max. More than 10,000 or 500 (Whichever is smaller) Thin layer lange capacitors type 50 Min. >2.5 RVDC 1 0.2Vrms( 10 , 10V Min.) 0.5 0.1Vrms( 10 , 6.3V Max.) 0.5 0.1Vrms(>10 ) 1 0.1 1 0.1 ( 10 , 10V Min.) ( 10 , 6.3V Max.), 120 24 (>10 )
Insulation Resistance Dielectric Strength Test Voltage
Test Frequency
0.5 1 2 3 4 5 6 7 8 9 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 47000 56000 68000 82000 0.1
(0R5) (010) (020) (030) (040) (050) (060) (070) (080) (090) (100) (120) (150) (180) (220) (270) (330) (390) (470) (560) (680) (820) (101) (121) (151) (181) (221) (271) (331) (391) (471) (561) (681) (821) (102) (122) (152) (182) (222) (272) (332) (392) (472) (562) (682) (822) (103) (123) (153) (183) (223) (273) (333) (473) (563) (683) (823) (104)
Temperature Compensating Type : Dissipation Factor Page 22 (No.5)
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
SMD Type
Multi Layer Ceramic Capacitors
Appendix
Type Size(inch) Volt(V) Cap. 100 (101) 470 (471) 1000 (102) 2200 (222) 4700 (472) 10000 (103) 15000 (153) 22000 (223) 33000 (333) 47000 (473) 68000 (683) 0.1 (104) 0.15 (154) 0.22 (224) 0.33 (334) 0.47 (474) 0.68 (684) 1.0 (105) 1.5 (155) 2.2 (225) 4.7 (475) 6.8 (685) 10 (106) 22 (226) 47 (476) 100 (107) General Type : Dissipation Factor Page 22 (No.5) General Type : Dissipation Factor Page 22 (No.5) 0603(0201) 1005(0402) 1608(0603)
X7R 2012(0805) 3216(1206) 3225(1210)
Type Size(inch) Volt(V) Cap. 100 (101) 470 (471) 1000 (102) 2200 (222) 4700 (472) 10000 (103) 15000 (153) 22000 (223) 33000 (333) 47000 (473) 68000 (683) 0.1 (104) 0.15 (154) 0.22 (224) 0.33 (334) 0.47 (474) 0.68 (684) 1.0 (105) 1.5 (155) 2.2 (225) 4.7 (475) 6.8 (685) 10 (106) 22 (226) 47 (476) 100 (107) General Type : Dissipation Factor Page 22 (No.5) General Type : Dissipation Factor Page 22 (No.5) 0603(0201) 1005(0402) 1608(0603)
X5R 2012(0805) 32169(1206) 3225(1210)
6.3 10 16 25 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50
6.3 10 16 25 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50
Thin Layer Large-Capacitance Type : Dissipation Factor Page 22 (No.5)
Thin Layer Large-Capacitance Type : Dissipation Factor Page 22 (No.5)
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
SMD Type-High Voltage
Multi Layer Ceramic Capacitors
SMD Type-High Voltage
Type Size(inch) Volt(V) Cap. 1000 (102) 2200 (222) 4700 (472) 10000 (103) 15000 (153) 22000 (223) 33000 (333) 47000 (473) 68000 (683) 0.1 (104) 0.15 (154) 0.22 (224) 0.33 (334) 0.47 (474) 0.68 (684) 1.0 (105) 1.5 (155) 2.2 (225) 3.3 (335) 4.7 (475) 6.8 (685) 10 (106) 22 (226) 47 (476) 100 (107) General Type : Dissipation Factor Page 22 (No.5) General Type : Dissipation Factor Page 22 (No.5) Thin Layer Large-Capacitance Type : Dissipation Factor Page 22 (No.5) 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 1005(0402) 1608(0603) Y5V 2012(0805) 3216(1206) 3225(1210)
Product Offering
SAMWHA high voltage MLCC products with COG(NPO) and X7R temperature characteristic are designed for commercial and industrial applications. The products are power supply and voltage multiplier circuits applications in various sizes with working voltages up to DC 3.0 KV . These high voltage capacitors feature a special internal electrode design which reduces voltage concentrations by distributing voltage gradients throughout the entire capacitor. This unique design also affords that capacitance value is increased in a given case size and voltage rating.
Features
High reliability High voltage ratings Wide voltage level : from 100V to 3000V Surface mount suited for Wave and Reflow Soldering Tape & reel surface mount assembly Suitable for Back-Lighting Inverter, DC-DC Converters, Ballast, Modems & Power Supply, LAN/WLAN interface... etc.
How to Order(Product Identification)
CS 4520 COG 150 J 302 N R E
CS : SMD
Size(mm)
1608
2012
3216
3225
4520
4532
COG, X7R
1st two digits are value, 3rd digit denotes number of zeros; 331 = 330pF, 104 = 100000pF, 8R2C = 8.2pF
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
SMD Type-High Voltage
Multi Layer Ceramic Capacitors
A B B E E E E
Shape & Dimensions
Code B D G K Z 80 Tolerance 0.1pF 0.50pF 2% 10% 20%
(Unit : mm)
Code C F J M
Tolerance 0.25pF 1% 5% 20%
Dimensions 1st two digits are value, 3rd digit denotes number of zeros; 302 = 3000V, 251 = 250V Code L
1608(0603) 1.60 2.00 3.20 3.20 4.50 4.50 5.70 W : 0.8 0.15, T : 0.8 0.15
Length Tol( )
0.15 0.20 0.30 0.40 0.40 0.40 0.50
Width W
0.80 1.25 1.60 2.50 2.00 3.20 5.00
T1(min) Tol( )
0.10 0.15 0.20 0.25 0.25 0.30 0.40 0.10 0.10 0.15 0.15 0.20 0.20 0.30
Ni / Sn Plated
B : Bulk Pack
R : Reel Pack
2012(0805) 3216(1206) (Unit : mm) 3225(1210) 4520(1808) 4532(1812) 5750(2300) *1608 Size 10
Code
Blank Blank
Thickness(mm) L
0.30 0.50 0.60 0.80 0.85 1.00 1.10 1.15 1.25
Dimensions Tol( )
0.03 0.05 0.10 0.10 0.15 0.15 0.15 0.15 0.15
Code
E H I J K L M N O
Thickness(mm) W
1.30 1.35 1.60 1.80 2.00 2.50 2.80 3.20 5.00
Dimensions Tol( )
0.20 0.20 0.20 0.20 0.25 0.25 0.30 0.30 0.40
Typical Performance Characteristics
COG(NPO)
Dielectric Classification Rated temperature range TCC(Temperature Characteristics Coefficient) Dissifation Factor(tan ) IR(Insulation Resistance) Ultra Stable 55 to 125 Stable 55 15% 0.1%) 1/(400+20C))
X7R
to 125
0 30ppm C 30pF : Q 1,000 (DF: C<30pF : Q 400+20C(DF:
2.5% Max. 500V Below:Rated voltage 60sec 500V Above:500V 60sec -DC100V~1KV :C 0.01 :More than 100 :C<0.01 :More than 10,000 -DC2~3KV:More than6,000 10%, 20%
500V Below : Rated voltage 60sec 500V Above : 500V 60sec More than 10,000
Capacitance Tolerance Dielectric strength
10pF : 0.25pF, 0.5pF 10pF : 5%, 0% 630V:150% Rated Voltage 1kV~3.15kV:120% Rated Voltage 0%
100V:150% Rated Voltage 630V:150% Rated Voltage 1kV~3.15kV: 120% Rated Voltage 2.5% per decade hr, typical
Aging characteristics
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
SMD Type-High Voltage
Multi Layer Ceramic Capacitors
Appendix High Voltage Type(100V~3000V)
Type Size(inch) Volt(V) Cap. 4.7 (4R7) 5 (050) 7 (070) 8 (080) 9 (090) 10 (100) 12 (120) 15 (150) 18 (180) 22 (220) 47 (470) 56 (560) 68 (680) 82 (820) 100 (101) 220 (221) 330 (331) 470 (471) 560 (561) 680 (681) 1000 (102) 1500 (152) 2200 (222) 2700 (272) 3300 (332) 4700 (472) 5600 (562) 6800 (682) 10000 (103) 15000 (153) 22000 (223) 33000 (333) 1608(0603) 2012(0805) 3216(1206)
C0G 3225(1210) 4520(1808) 4532(1812)
Type Size(inch) Volt(V) Cap. 220 (221) 330 (331) 470 (471) 680 (681) 1000 (102) 1500 (152) 2200 (222) 3300 (332) 4700 (472) 5600 (562) 6800 (682) 10000 (103) 15000 (153) 18000 (183) 22000 (223) 33000 (333) 47000 (473) 68000 (683) 0.1 (104) 0.15 (154) 0.22 (224) 0.33 (334) 0.47 (474) 0.68 (684) 1.0 (105) 2.2 (225) 1608(0603) 2012(0805) 3216(1206)
X7R 3225(1210) 4520(1808) 4532(1812)
100 250 100 250 100 250 630 1000 2000 100 250 630 1000 2000 100 250 630 1000 2000 3000 100 250 630 1000 2000 3000
100 250 100 250 100 250 630 1000 2000 100 250 630 1000 2000 100 250 630 1000 2000 3000 100 250 630 1000 2000 3000
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
SMD Type-High Voltage
Multi Layer Ceramic Capacitors
Application(Typical circuit)
Caution(Rating)
When DC-rated capacitors are to be used in AC or ripple current circuits, be sure to maintain the Vp-p Value of the applied voltage or the Vo-p which contains DC bias within the rated voltage range. When the voltage is applied to the circuit, starting or stopping may generate irregular voltage for a transit period because of resonance or switching. Be sure to use a capacitor with a rated voltage range that includes these irregular voltages.
Voltage DV Voltage DC+AC Voltage AC Voltage Pulse Voltage(1) Pulse Voltage(2)
Positional Measurement
C2 : X7R ; 250V 10nF~47nF C3 : COG ; 630V 47pF~100pF
C3 : COG, X7R ; 2kV 100pF~1000pF C4 : COG, X7R ; 2kV 100pF~1000pF
(1) Test Equipment
Tests for AC withstanding voltage should be made with equipment capable of creating a wave similar to a 50/60 Hz sine wave. If the distorted sine wave or overload exceeding the specified voltage value is applied, a defect may be caused.
(2) Voltage applied method
The capacitor's leads or terminals should be firmly connected to the output of the withstanding voltage test equipment, and then the voltage should be raised from near zero to the test voltage. If the test voltage is applied C1, C2 : COG or X7R 1000pF~4700pF C4 : COG ; 2kV 100pF~330pF C5 : COG ; 1kV/2kV 100pF~470pF directly to the capacitor without raising it from near zero,it should be applied with the At the end of the test time, the test voltage should be reduced to near zero, and then the capacitor's leads or terminals should be taken off the output of the withstanding voltage test equipment. If the test voltage is applied directly to the capacitor without raising it from near zero, surge voltage may occur and cause a defect. is the point where voltage sine wave
(3) Dielectric strength testing method
In case of dielectric strength test, the capacitor's is applied between the terminations for 1 to 5 sec., provided the charge/discharge current is less than 50mA.
C2 : COG ; 3kV 10 ~100pF
If a chip component is heated or cooled abruptly during soldering, it may crack due to the thermal shock. To prevent this, follow our recommendations below for adequate soldering conditions. Carefully perform preheating so that temperature difference ( ) between the solder and component surface is in the following range. The smaller the temperatures difference ( ) between the solder and component surface is, the smaller the influence on the chip is. Chip Size Slodering Method Reflow Method or Soldering Lron Method 3.2 1.6mm and under 190 3.2 2.5mm and over 130
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
SMD Type
Multi Layer Ceramic Capacitors
SAMWHA CAPACITOR Co., Ltd.
Reliability and Test Conditions(General Type)
Characteristic No. 1 Item Operating Temperature Range Insulation Resistance Temperature Compensating Type C0G : 55 to 125 More than 10,000 High Dielectric Constant Type X7R : 55 to 125 Y5V : 30 to 85 or 500 X5R : 55 to 85 - Applied the rated voltage for 2 minutes of charging. - The charge/discharge current is less than 50mA. - C0G : The rated voltage 300% - X7R, X5R, Y5V : 250% - Applied between the terminations for 1 to 5 seconds. - The charge/discharge current is less than 50mA. The capacitance/Q/D.F. should be measured at 25 at the frequency and voltage shown in the table.
Cap. 15% C0G (C 1000pF) C0G (C 1000pF) X7R, X5R, Y5V (C 10 6.3V Min.) X7R, X5R, Y5V (C 10 ) Testing Frequency 1 0.1 1 0.1 Testing Voltage 0.5 to 5Vrms 1 0.2Vrms
Test Methods and Conditions
2
(Whichever is smaller)
3
Dielectric Strength
No defects or abnormalities
4 5
Capacitance Dissipation Factor
Within the specified tolerance 30 Min. : Q 1,000 (DF 0.1%) 30 Max. : Q 400 20C (DF 1/(400 20C))
Char. 50V Min. 25V X7R X5R Y5V 2.5%/ 5% 5%/ 9% 3%/ 7% 7%/ 9% 16V 3.5%/ 7% 9% 12.5% 10V 5%/ 10% 12.5%/ 15% 6.3V 5%/ 10%
You can check the specification at the appendix for each product with mark
1 0.1
1 0.2Vrms
120 24
0.5 0.1Vrms
6
Solderability of Termination
Termination should be covered with more than 75% of new solder
- Pb-Free Type Solder : 96.5Sn-3Ag-0.5Cu Solder Temperature : 260 5 Immersion Time : 3 0.1sec - Pre-Heating at 80~120 for 10~30sec
7
Resistance Appearance No marked defect to Capacitchange Within 2.5% or 0.25 Soldering (whichever is larger) Heat Dissipation Factor (or Q) 30 Min. : Q 1,000 (DF 0.1%) 30 Max. : Q 400 20C (DF 1/(400 20C))
X7R, X5R : Y5V :
7.5% 20%
16V 3.5%/ 7% 9% 12.5% 10V 5%/ 10% 12.5%/ 15% 6.3V 5%/ 10% 15%
Char. 50V Min. 25V X7R X5R Y5V 2.5%/ 5% 5%/ 9% 3%/ 7% 7%/ 9%
I.R.
More than 10,000
or 500
(Whichever is smaller)
- Preheat the capacitor at 120 to 150 for 1 minute. (Preheating for 3225, 4520, 4532 Step1 : 100 to 120 , 1min Step2 : 170 to 200 , 1min) Immerse the capacitor in a eutectic solder solution - Soldering Temp. : 260 5 - Immersion Time : 10 0.5sec - Initial measurement Perform a heat treatment at 150+0, -10 for one hour and then let sit for 48 4 hours at room temperature. Perform the intial measurement. - Measurement after test Take it out and set it for 24 2 hours (temperature compensating type) or 48 4 hours (high dielectric constant type)then measure
Multi Layer Ceramic Capacitors
SMD Type
Multi Layer Ceramic Capacitors
Characteristic No. 8 Item Temperature Appearance Cycle Temperature Compensating Type No marking defects X7R, X5R : Within 7.5% Y5V : Within 20%
Char. 50V Min. 25V X7R X5R Y5V 5%/ 7.5% 7.5%/ 12.5% 5%/ 10% 10%/ 12.5% 16V 5%/ 10% 12.5% 15% 10V 7.5%/ 12.5% 15%/ 20% 6.3V 7.5%/ 12.5% 20%
High Dielectric Constant Type
Test Methods and Conditions Perform the five cycless according to the four heat treatments listed in the following table.
Step 1 2 3 4 Min. Max. Temp. Operating Room Operating Room ( ) Temp. Temp. emp. Temp. 0, 3 3, 0 Time 2 to 3 30 3 2 to 3 (Min) 30 3
Characteristic No. Item Temperature Compensating Type High Dielectric Constant Type
Test Methods and Conditions - Substrate Material : Glass EPOXY Board - Board Thickness : 1.6mm 0.8mm(0603/1005size) Test Condition - Bending Limit : 1mm - Pressurizing Speed : 1mm/sec
11 Bending Strength
Capacitance Within 2.5% or 0.25 Change (whichever is larger) Dissipation Factor (or Q) 30 Min. : Q 1,000 (DF 0.1%) 30 Max. : Q 400 20C (DF 1/(400 20C))
I.R.
More than 10,000
or 500
(Whichever is smaller)
- Initial measurement Perform a heat treatment at 150+0, -10 for one hour and then let sit for 48 4 hours at room temperature. - Measurement after test Take it out and set it for 24 2 hours (temperature compensating) or 48 4 hours(high dielectric constant type) at room temperature, then measure. - Temperature : 40 2
No cracking or marking defects shall occur Capacitance Within 5% or 0.5 Change (whichever is larger) X7R, X5R : Within 12.5% Y5V : Within 30% Shown in Fig. After soldering and then let sit for 24+4hr(temperature compensating type), 48 4hr (high dielectric constant type) at room temperature. The capacitor should be subjected to a simple harmonic motion having a total amplitude of 1.5mm, the frequency being varied uniformly between the approximate limits of 10 and 55Hz, shall be traversed(from 10Hz to 55Hz then 10Hz again) in approximately 1 minute. This motion shall be applied for a period of 2 hours in each 3mutually perpendicular directions(total is 6hours).
9
Humidity Load
Appearance
No marking defects X7R, X5R : Within 12.5% Y5V : Within 30%, -40% (Y5V/1.0 , 2.2 , 4.7 /10V) Within 30% (others)
Char. 50V Min. 25V X7R X5R Y5V 5%/ 7.5% 7.5%/ 12.5% 5%/ 10% 10%/ 12.5% 16V 5%/ 10% 12.5% 15% 10V 7.5%/ 12.5% 15%/ 20% 6.3V 7.5%/ 12.5% 20%
Capacitance Within 7.5% or 0.75 Change (whichever is larger)
- Humidity : 90~95% - Hour : 500 12hrs - Test Voltage : The rated voltage - Take it out and set it for 24 2 hours (temperature compensating) or 48 4 hours(high dielectric constant type) at room temperature, then measure. The charge/discharge current is less than 50mA
12 Vibration Appearance No defects or abnormalities Resistance Capacitance Whin the specified tolerance Q/DF 30 Min. : Q 1,000 (DF 0.1%) 30 Max. : Q 400+20C (DF 1/ (400+20C))
Char. 50V Min. 25V X7R X5R Y5V 2.5%/ 5% 5%/ 9% 3%/ 7% 7%/ 9% 16V 3.5%/ 7% 9% 12.5% 10V 5%/ 10% 12.5%/ 15% 6.3V 5%/ 10% 15%
Dissipation Factor (or Q)
30 Min. : Q 200 (DF 0.5%) 30 Max. : Q 100 10/3C (DF 1/(100 10/3C)) More than 500 or 25
I.R. Appearance 10 High Temperature Capacitance Load Change
(Whichever is smaller) - Testing time : 1000 12hrs X7R, X5R : Within 12.5% Y5V : Within 30%(Cap. < 1.0 Within 30%, 40% (Cap. 1.0
Char. 50V Min. 25V X7R X5R Y5V 5%/ 7.5% 7.5%/ 12.5% 5%/ 10% 10%/ 12.5% 16V 5%/ 10% 12.5% 15% 10V 6.3V
No marking defects Within 3% or 0.3 (whichever is larger)
Dissipation Factor (or Q)
30 Min. : Q 350 (DF 0.3%) 10 Cp 30 Q 275 +5/2C (DF 1/(275+5/2C)) 10 Max. : Q 200+10C (DF 1/(200+10C))
7.5%/ 7.5%/ 12.5% 12.5% 15%/ 20% 20%
- Applied voltage : Rated voltage < DC250V : 200% - Temperature : C0G, X7R 125 3 X5R , Y5V 85 3 - Measurement after test Take it out and set it for 24 2 hours(temperature compensating type)or 48 4 hours (high dielectric constant type) at room temperature, then measure. The charge/discharge current is less than 50mA.
13 Humidity Steady State
Appearance No marking defects Capacitance Within 5% or 0.5 Change (whichever is larger) Dissipation (or Q) 30 Min. : Q 350 (DF 0.3%) 10 Cp 30 Q 275 +5/2C (DF 1/(275+5/2C)) 10 Max. : Q 200+10C (DF 1/(200+10C)) I.R More than 1,000 or 50 (Whichever is Smaller) X7R, X5R : Within 12.5% Y5V : Within 30%
Char. 50V Min. 25V X7R X5R Y5V 5%/ 7.5% 7.5%/ 12.5% 5%/ 10% 10%/ 12.5% 16V 5%/ 10% 12.5% 15% 10V 7.5%/ 12.5% 15%/ 20% 6.3V 7.5%/ 12.5% 20%
- Temperature : 40 2 - Humidity : 90~95% - Hour : 500 12hours - Measurement after test Take it out and set it for 24 2 hours (temperature compensating type) or 48 4 hours(high dielectric constant type) at room temperature, then measure.
I.R.
More than 10,000
or 50
(Whichever & Smaller)
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
Radial & Axial
Multi Layer Ceramic Capacitors
Radial & Axial
Characteristic No. Item Temperature Compensating Type High Dielectric Constant Type Test Methods and Conditions (1) Temperature Compensating Type: The temperature coefficient is determined using the capacitance measured in step 3 as a reference, When cycling the temperature sequentially from step 1 through 5, (C0G: +25 to 125 ) the capacitance shall be with in the specified tolerance for the temperature coefficient. The capacitance drift is calculated by dividing the difference between the maximum measured values in the step 1, 3 and 5 by the Cap. value in step 3 14 Capacitance Capacitance Temperature Change Characteristics
Features
This widely used ceramic capacitors includes both monolithic and multilayer types to provide a wide capacitance range of 1pF through 1 in respectly one standard size and shape(Radial & Axial).
Char. X7R X5R Y5V
Temp. Range 55 to 125 55 to 85 30 to 85
Reference Temp.
Cap. Change Within 15%
25
Within 15% Within % %
Applications
The class1 temperature compensating(C0G) products can be used in circuits to stabilize frequency and temperature characteristics. The X7R, Z5U, Y5V dielectrics are optimum for by pass capacitors.
Temperature Coefficient
Char.
Temp. Range
Temperature Coefficient
Step
Temperature
Shape and Dimensions
1 2 3 4 5
25 2 55 3 25 2 125 3(for C0G) 25 2
-55 to C0G +125
30ppm/
Bulk Type
(2) High Dielectric Constant Type : The ranges of capacitance change compared with the 25 value over the temperature range shown in the table shall be in the specified range. 15 Preservation(keeping) When solderability is considered, capacitors are recommended to be used in 12 months (1) Temperature : 25 10
CODE 051B 077B
L Max. 5.5 7.7
W Max. 5.5 7.6
T Max. 3.2
H Max. 6.4 9.2
P 0.7 5
d
Color Orange or Gold
Marking
0.5
Ex) 104
(2) Relative Humidity : Below 70% RH
16
The regulation of environmental pollution materials.
Never use materials mentioned below in MLCC products regulated this document. Pb, Cd, Hg, Cr+6, PBB(polybromide biphenyl), PBDE(polybrominated diphenyl ethers), asbestos.
Flat Type
- In case of high Voltage and thin layer type Capacitor, it can be different from nomal specification. So Please ask to our sales person.
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
Radial & Axial
Multi Layer Ceramic Capacitors
Code D( ) H H1 H2 L L1 P Dimensions 4 16 9 0 11 1.5 12.7 Tolerance 0.3 0.5 0.76, 0.5 2 Max. Max. 0.3 Code P1 P2 T W1 W2 S Dimensions 3.85 6.35 0.9 18 0 5 Tolerance 0.7 1.3 Max. 0.5 0.6 Max. 0.7 Code F G H J K N R =J =H 0.8 5 3.2 Dimensions 64.8 50.8~53.3 1.2 1.2 Max. 0.4 Min. Tolerance 0, 2
Code J K M Z
Tolerance 5.0 % 10 % 20 % 80, 20%
Remark C0G X7R, C0G Z5U, X7R Z5U, Y5V
No adhesive may be exposed
Code Volt
250 DC 25V
500 DC 50V
101 DC 100V
How to Order(Product Identification)
CA 2633 Y5V 104 Z 500 F
Code Packing
B Bulk
R Reel Pack
F Flat Pack
Reliability and Test Conditions
Characteristic
CR : Radial Lead Type CA : Axial Lead Type
The number shows the maximum length of "L" by 1/10 in millimeter, and the alphabet means lead difference.(Refer to above diagram)
No.
Item
Temperature Compensating Type C0G : 55 to 125
High Dielectric Constant Type X7R : 55 to 125 Y5V : 30 to 85 or 500 Z5U : 10 to 85
Test Methods and Conditions
1.
Operating Temperature Range Insulation Resistance Dielectric Strength
2.
More than 10,000
(whichever is smaller)
Applied the rated voltage for 2 minute - C0G : The rated voltage 300% - X7R, Z5U, Y5V : 250% Temperature Compensating Type
Temperature Characteristice C0G X7R Z5U Y5V
Temperature Range 55 to 125 55 to 125 10 to 85 30 to 85
Capacitance Change or Temperature Coefficient 0 30ppm/ 15% 22, 56% 22, 82%
3.
No detects or abnormalities
4. 5.
Capacitance Dissipation Factor
Within the specified tolerance 30 Min. : Q 1,000(DF 0.1%) 30 Max. : Q 400+20C (DF 1/(400+20C))
Char. 50V Min. X7R Z%V 2.5% 4.0% 9% (<220 ) 12.5% ( 220 ) 25V 3% 16V 3.5% 10V 5.0%
Cap. C0G (C 1000pF)
Testing Frequency 1 0.1 1 0.1
Testing Voltage 0.5 to 5V rms 1 0.2V rms
First two digits are significant ; third digit denotes number of zeros. Ex.) 101 = 100 1R5 = 1.5 103 = 10,000
5% (<220 ) Y5V 7% ( 220 )
7%
12.5%
C0G (C 1000pF) X7R, Z5U, Y5V (C 10 10V Min.)
1 0.1
1 0.2V rms
6.
Terminal Strength
No evidence of damage to body of device of looseness of terminals.
A static load of 10N(1kgf) : applied to one terminal in the axial direction and acting in a direction away from the body for 1 to 5 secs.
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
Radial & Axial
Multi Layer Ceramic Capacitors
Characteristic No. Item Temperature Compensating Type No marked defect Within 2.5% or 0.25pF X7R : (whichever is larger) Z5U, Y5V : 30 Min. : Q 1,000 (DF 0.1%) 30 Max. : Q 400 20C (DF 1/(400 20C))
Char. 50V Min. X7R Z5U 2.5% 4.0% 9% (<220 ) 7% 12.5% ( 220 )
High Dielectric Constant Type
Test Methods and Conditions - Soldering Temp : 260 5 No. Item Temperature Compensating Type 30 Min. : Q 350 (DF 0.3%) 10 30 Q 275 5/2C (DF 1/(275 5/2C)) 10 Max. : Q 200 10C (DF 1/(200 10C)) I.R. 11
Step 1 2 3 4
Characteristic High Dielectric Constant Type
Char. 50V Min. X7R Z5U 5% 4.0% 10% (<1 ) 7% (1) 25V 5% 16V 5% 10V 5%
7.
Resistance Appearance to Capacitance Soldering Change Heat Dissipation Factor(or Q)
Test Methods and Conditions Take it out and set it for 24 2 hours (temperature compensatig) or 48 4 hours(high dielectric constant type) at room temperature, then measure. The charge/discharge current is less than 50mA.
7.5% 20%
25V 3% 16V 3.5% 10V 5.0%
- Immersion Time : 5 0.5sec - Take it out and set it for 24 2 hours(temperature compensating type)or 48 4hours(high dielectric constant type) then measure.
10
Dissipation High Temperature Factor(or Q) Load
5% (<220 ) Y5V 7% ( 220 )
Y5V
7.5%
12.5%
15%
12.5%
More than 1000
or 50
(Whichever is smaller)
Char. X7R Z5U Temp. Range 55 to 125 10 to 85 30 to 85 Reference Temp. Cap. Change Within 15% Within 22% 56% Within 22% 82%
I.R. 8. Temperature Appearance Cycle Capacitance Change Dissipation Factor(or Q)
More than 10,000 No marking defects
or 500
(whichever & smaller)
Within 2.5% or 0.25pF X7R : Within + 7.5% Z5U, Y5V : Within 20% 30 Min. : Q 1,000 (DF 0.1%) 30 Max. : Q 400 20C (DF 1/(400 20C))
Char. 50V Min. X7R Z5U 2.5% 4.0% 9% (<220 ) 7% 12.5% ( 220 ) 25V 3% 16V 3.5% 10V 5.0%
Capacitance Capacitance Temperature Change Characteristics
Min. Max. Temp. Operating Room Operating Room () Temp. Temp. emp. Temp. 0, 3 3, 0 Time (min) 30 3 2 to 3 30 3 2 to 3
25
Y5V
5% (<220 ) Y5V 7% ( 220 )
12.5%
Take it out and set it for 24 2 hours [tempeature compensating or 48 4 hours(high dielectric Type) at room temperature, than measure. Temperature Coefficient - Temperature : 40 2
Char. Temp. Range Temperature Coefficient
(1) Temperature Compensating Type : The temperature coefficient is determined using the capacitance measured in step 3 as a reference. When cycling the temperature sequentially from step 1 through 5. (SL: +25 to 85 ) the capacitance shall be with in the specified tolerance for the temperature coefficient. The capacitance drift is calculated dividing the difference between the maximum measured values in the step 1, 3 and 5 by Cap, value in step 3.
Step Temperature
1 2 3 4 5
25 2 -55 3 25 2 125 3(for C0G) 25 2
I.R. 9. Humidity Load Appearance Capacitance Change
More than 10,000 No marking defects
or 500
(Whichever is smaller)
C0G
55 to 125
30ppm/
Within 7.5% or 0.75 (whichever is larger)
X7R : Within 12.5% Z5U : Within 30% Y5V : Within 30%, 40% (Y5V/1.0 F, 2.2 F, 4.7 F/10V) Within 30% (others)
Char. 50V Min. X7R Z5U 5% 4.0% 10% (<1 ) 7.5% 12.5% (1) 25V 5% 16V 5% 10V 5%
- Humidity : 90~95%RH - Hour : 500 12hrs - Test Voltage : Tge rated voltage - Take it out and set it for 24 2 hours (temperature compensatig) or 48 4 hours(high dielectric constant type) at room temperature, then measure. The charge/discharge current is less than 50mA.
Dissipation Factor(or Q)
30 Min. : Q 200 (DF 0.5%) 30 Max. : Q 100 10/3C (DF 1/(100 10/3C))
(2) High Dielectric Constant Type : The ranges of capacitance change compared with the 25 value over the temperature range shown in the table shall be in the specified range. 12 The regulation of environmental pollution materials 13 The regulation about destructive materials of the ozone layer Never use materials mentioned below in leaded MLCC products regulated this document. Pb, Cd, Hg, Cr+6, PBB(polybromida biphenyl), PBDE(polybrominated diphenyl ethers), asbestos.
Y5V
12.5%
15%
Never use the ODS(ozone depleting substance) materials below in leaded MLCC products regulated this document.
I.R. 10. High Appearance Temperature Capacitance Load change
More than 500 No marked defect
or 25
(whichever is smaller) - Testing Time : 1000 12hrs X7R : Within 12.5% , Z5U : Within 30% Y5V : Within 30%(Cap. < 1.0 F) Within +30% , 40%(Cap. 1.0 F) - Applied Voltage : Rated Voltage 200% - Temperature : C0G, X7R 125 3 Z5U, Y5V 85 3
Within 3% or 0.3 (whichever is larger)
Packing Quantity
Radial Type Inner Box 2,500 Outer Box 15,000 Remark Packing set on the basis of flat tapping Inner Box 5,000 Outer Box 50,000 Axial Type Remark
Unit : pcs
Packing set on the basis of flat tapping
SAMWHA CAPACITOR Co., Ltd.
Multi Layer Ceramic Capacitors
Multi Layer Ceramic Capacitors
Capacitance Range
Type Char. Cap(pF) Volt
1 2 3 4 5 6 7 8 9 10 12 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 120 150 180 220 270 330 390 470 560 680 820 1.000 1.200 1.500 1.800 2.200 2.700 3.300 3.900 4.700 5.600 6.800 8.200 10.000 15.000 22.000 33.000 47.000 68.000 100.000 150.000 220.000 330.000 470.000 680.000 1.000.000
C0G 50 100
Radial X7R 50 100
Z5U 50
Y5V 16 50
C0G 50
Axial X7R Z5U 50 50
Y5V 50
SAMWHA CAPACITOR Co., Ltd.


▲Up To Search▲   

 
Price & Availability of CS1005X7R104B100NBA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X